Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download LL4148-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL4148 / LL4448
Vishay Semiconductors
Small Signal Fast Switching Diodes
Features
* Silicon Epitaxial Planar Diodes * Electrical data identical with the devices e2 1N4148 and 1N4448 respectively * Lead (Pb)-free component * Component in acc. to RoHS 2002/95/EC and WEEE 2002/96/EC
Applications
* Extreme fast switches
94 9371
Mechanical Data
Case: MiniMELF Glass case (SOD80) Weight: approx. 31 mg Cathode Band Color: Black Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Part LL4148 LL4448 Type differentiation VRRM = 100 V, VF = max. 1000 mV at IF = 50 mA VRRM = 100 V, VF = max. 1000 mV at IF = 100 mA Ordering code LL4148-GS18 or LL4148-GS08 LL4448-GS18 or LL4448-GS08 Remarks Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward continuous current Average forward current Power dissipation VR = 0 tp = 1 s Test condition Symbol VRRM VR IFSM IFRM IF IFAV PV Value 100 75 2 500 300 150 500 Unit V V A mA mA mA mW
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction to ambient air Junction temperature Storage temperature range Test condition on PC board 50 mm x 50 mm x 1.6 mm Symbol RthJA Tj Tstg Value 500 175 - 65 to + 175 Unit K/W C C
Document Number 85557 Rev. 1.8, 24-Mar-06
www.vishay.com 1
LL4148 / LL4448
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Test condition IF = 5 mA IF = 50 mA IF = 100 mA Reverse current VR = 20 V VR = 20 V, Tj = 150 C VR = 75 V Breakdown voltage Diode capacitance Rectification efficiency Reverse recovery time IR = 100 A, tp/T = 0.01, tp = 0.3 ms VR = 0, f = 1 MHz, VHF = 50 mV VHF = 2 V, f = 100 MHz IF = IR = 10 mA, iR = 1 mA IF = 10 mA, VR = 6 V, iR = 0.1 x IR, RL = 100 Part LL4448 LL4148 LL4448 Symbol VF VF VF IR IR IR V(BR) CD r trr trr 45 8 4 100 4 Min 620 860 930 Typ. Max 720 1000 1000 25 50 5 Unit mV mV mV nA A A V pF % ns ns
Typical Characteristics
Tamb = 25 C, unless otherwise specified
1000 LL4148
IF - Forward Current (mA)
1000 LL4448
IF - Forward Current (mA)
100 Scattering Limit 10
100 Scattering Limit 10
1 Tj = 25 C 0.1 0 0.4 0.8 1.2 1.6 2.0
1 Tj = 25 C 0.1 0 0.4 0.8 1.2 1.6 2.0
94 9096
V F - Forward Voltage (V)
94 9097
V F - Forward Voltage (V)
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Forward Current vs. Forward Voltage
www.vishay.com 2
Document Number 85557 Rev. 1.8, 24-Mar-06
LL4148 / LL4448
Vishay Semiconductors
1000 C D - Diode Capacitance (pF)
I R - Reverse Current (nA)
3.0 2.5 2.0 1.5 1.0 0.5 0 1 10 V R - Reverse Voltage (V) 100
94 9099
Tj = 25 C 100
f = 1 MHz Tj = 25 C
Scattering Limit 10
1
94 9098
0.1
1
10
100
V R - Reverse Voltage (V)
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
Package Dimensions in mm (Inches)
Cathode indification
0.47 max. (0.019) 3.7 (0.146) 3.3 (0.130)
foot print recommendation:
2.5 (0.098) max
1.6 (0.063) 1.4 (0.055) 1.25 (0.049) min 2.0 (0.079) min 5.0 (0.197) ref
Document no.: 6.560-5005.01-4 Rev. 7 - Date: 07.February.2005 96 12070
Document Number 85557 Rev. 1.8, 24-Mar-06
www.vishay.com 3
LL4148 / LL4448
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85557 Rev. 1.8, 24-Mar-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of LL4148-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X